Part Number Hot Search : 
4N27FM TSI20N JQ200 05100 D3055 SMBJ100 HCT2G 2SC3466
Product Description
Full Text Search
 

To Download BD801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BD801
DESCRIPTION *Collector-Emitter Sustaining Voltage: VCEO(SUS) = 100V(Min) *Low Saturation Voltage *Complement to Type BD802
APPLICATIONS *Designed for a wide variety of medium-power switching and amplifier applications , such as series and shunt regulators and driver and output stages of high-fidelity amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
VALUE 100
UNIT V
Collector Current-Continuous Base Current-Continuous
w w
scs .i w
100 5 8 3 65 150 -55~150
.cn mi e
V V A A
PC Tj Tstg
Collector Power Dissipation TC=25 Junction Temperature Storage Ttemperature Range
W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.92 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) VCE(sat) VBE(on) ICBO IEBO hFE-1 hFE-2 fT PARAMETER Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Base-Emitter On Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain Current-Gain--Bandwidth Product CONDITIONS IC= 100mA; IB= 0 IC= 3A; IB= 0.3A
B
BD801
MIN 100
TYP.
MAX
UNIT V
1 1.6 0.1 1 30 15 3
V V mA mA
IC= 3A ; VCE= 2V VCB= 100V; IE= 0 VEB= 5V; IC= 0
w
w. w
.cn mi cse is
IC= 1A ; VCE= 2V IC= 3A ; VCE= 2V IC= 0.25A ;VCE= 10V,ftest= 1MHz
MHz
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of BD801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X